PART |
Description |
Maker |
XRD98L59AIG XRD98L59 |
CCD Image Digitizer for High-Resolution and High-Performance Video Applications CCD Image Digitizers with CDS/ PGA and 10-Bit A/D CCD Image Digitizers with CDS, PGA and 10-Bit A/D
|
EXAR[Exar Corporation]
|
TCD2561D |
The TCD2561D is a high sensitive and low dark current 5340 elements 4 line CCD color image sensor which includes CCD drive circuit, clamp circuit. TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
|
TOSHIBA[Toshiba Semiconductor]
|
TCD1503D |
CCD LINEAR IMAGE SENSOR The TCD1503D is a high sensitive and low dark current 5000 elements CCD image sensor.
|
TOSHIBA
|
S9972-1007 S9972-1008 S9973-1007 S9973-1008 S99720 |
CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
|
Hamamatsu Corporation
|
TH7834CNBSP TH7834C TH7834CCC-RB |
Very Highresolution Linear CCD Image Sensor (12000 Pixels) Very high resolution Linear CCD Image Sensor, 12000 Pixels
|
ATMEL Corporation
|
TCD2703D |
CCD Linear Image Sensor CCD (Charge Coupled Device)
|
Toshiba Semiconductor
|
S9978 |
CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
|
Hamamatsu Corporation
|
KS7332 |
KS7332 is a digital image signal handling IC aimed at improving image contrast and counter light correction, applicable to CCD-using video camera syst
|
Samsung Electronic Samsung semiconductor
|
S10140-1007 S10140-1008 S10140-1009 S10141-1007S S |
CCD area image sensor Low readout noise, high resolution (pixel size: 12 μm) CCD area image sensor Low readout noise, high resolution (pixel size: 12 レm)
|
Hamamatsu Corporation
|
ICX279AK ICX209AK |
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
|
SONY[Sony Corporation]
|
S7847-1007 S7847-1008 |
CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs
|
Hamamatsu Corporation
|